Part Number Hot Search : 
G23AS2 FRA1007G PITE1 UF2JA 3188GN LESD5 T89C5 WD200
Product Description
Full Text Search
 

To Download MPD2002DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mpd, mpda www.vishay.com vishay dale thin film revision: 20-oct-11 1 document number: 60016 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded, sot-143 thin film resistor, surface mount network vishay dale thin film mp d series dividers provide 2 ppm/c tracking and a ratio tolerance as tight as 0.05 %, small size, and exce ptional stability for all surface mount applications. the standard sot-143 package format with unity and common standa rd resistance divider ratios provide easy selection for most applications requiring matched pair resistor elements. the ratios listed are available for off the shelf convenience, if you require a non-standard ratio, consult the applications engineering group as we may be able to meet your requirements. schematic features ? tight ratio tolerances to 0.05 % ? 2 ppm tracking ? standard values stocked ? standard jedec to-253 package ? compliant to rohs directive 2002/95/ec ? halogen-free according to iec 61249-2-21 definition note * pb containing terminations are not rohs compliant, exemptions may apply typical performance note ? tantalum nitride film is available on special orders actual size 1 4 r 1 2 3 r 2 (r 1 ref) 1 4 2 3 r 2 r 1 r 3 mpd mpda absolute tracking tcr 25 2 absolute ratio tol . 0.1 0.05 standard values model r 1 ( ? )r 2 ( ? )r 3 ( ? ) mpd 100k 100k - 50k 50k - 25k 25k - 20k 20k - 10k 10k - 5k 5k - 2k 2k - 1k 1k - mpda 10k 10k 10k standard electrical specifications test specifications conditions material passivated nichrome - pin/lead number 4- resistance range 1000 ? to 100 k ? per resistor - tcr: absolute 25 ppm/c - 55 c to + 125 c tcr: tracking 2 ppm/c (typical) - 55 c to + 125 c tolerance: absolute 0.1 % to 1.0 % + 25 c tolerance: ratio 0.05 % to 0.5 % + 25 c power rating: resistor 100 mw maximum at + 70 c power rating: package 200 mw maximum at + 70 c stability: absolute ? r 0.05 % 2000 h at + 70 c stability: ratio ? r 0.015 % 2000 h at + 70 c voltage coefficient 0.1 ppm/v - working voltage 100 v max. not to exceed - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 25 db - thermal emf 0.2 v/c - shelf life stability: absolute ? r 0.01 % 1 year at + 25 c shelf life stability: ratio ? r 0.002 % 1 year at + 25 c p x r
mpd, mpda www.vishay.com vishay dale thin film revision: 20-oct-11 2 document number: 60016 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) preferred packaging code dimensions and imprinting in millimeters dimension min. nom. max. a 0.80 - 1.22 a1 0.05 - 0.15 a2 0.75 0.90 1.07 b 0.30 - 0.50 b1 0.30 0.40 0.45 b2 0.76 - 0.89 b3 0.76 0.80 0.84 c 0.08 - 0.20 c1 0.08 0.10 0.16 d 2.80 2.90 3.04 e 2.10 - 2.64 e1 1.20 1.30 1.40 e 1.92 bsc e1 0.20 bsc l 0.40 0.50 0.60 l1 0.54 ref. n4 ?0" - 8" seating plane b2 a2 a1 a e1 e e1 3 x b e d e2 b see view c seating plane gauge plane ? 0.25 b1 b3 (b) (b2) base metal with plating c c1 view c l l1 mechanical specifications resistive element passivated nichrome substrate material silicon body molded epoxy terminals copper alloy lead (pb)-free option 100 % matte tin tin lead option sn85 tin lead and lead (pb)-free finish plated derating curve ambient temperature c 0 70 125 150 0 20 40 60 80 100 precent of rated power 100 % = 0.20 w global part number information new global part nu mbering: mpd1003aws global model (3 or 4 digits) resistance (4 or 8 digits) tolerance and ratio tolerance packaging mpd (two resistors, tin lead) mpdt (two resistors, lead (pb)-free) (e3) the first 3 digits are significant figures and the last digit specifies the number of zeros to follow. when like values are required use total resistance. example: 1002 = 10k (5k/5k) 1003 = 100k (50k/50k) abs. tol. a = 0.1 % b = 0.1 % c = 0.25 % d = 0.5 % f = 1 % ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % bs = bulk 100 min., 1 mult ws = waffle 100 min., 1 mult tape and reel t1 = 1000 min., 1000 mult (1) historical part numb er example: mpd1002bw (for reference purposes only) mpd 1002 b w series resistance tolerance and ratio tolerance packaging pdt2001 m at1 pd1003 m aws
mpd, mpda www.vishay.com vishay dale thin film revision: 20-oct-11 3 document number: 60016 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) preferred packaging code global part number information new global part numb ering: mpdat3002aws global model (4 or 5 digits) resistance tolerance and ratio tolerance packaging mpda (three equal series resistors, tin/lead) mpdat (three equal series resistors, lead (pb)-free) (e3) first 3 digits are significant figures and the last digit specifies the number of zeros to follow. when like values are required use total resistance. example: 3002 = three 10 k ? resistors abs. tol. a = 0.1 % b = 0.1 % c = 0.25 % d = 0.5 % f = 1 % ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % bs = bulk 100 min., 1 mult ws = waffle 100 min., 1 mult tape and reel t1 = 1000 min., 1000 mult (1) historical part number example: mpda3002bt (for reference purposes only) mpda 3002 b t series resistance tolerance and ratio tolerance packaging dat 3 0 0 2aw s mp da3002aw s mp
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MPD2002DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X